Part Number Hot Search : 
PC25005 IN74H 18225C 13020 84064 PN8420 MT48LC8 SR503
Product Description
Full Text Search
 

To Download MAX-504-1205AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  82 condor d.c. power supplies, inc., 2311 statham parkway, oxnard, ca 93033 800-235-5929 ? 805-486-4565  fax 805-487-8911  www.condorpower.com max-500 multiple watt output specifications: input ac input: 90-132 vac/180-264 vac, 47 to 63 hz. user selectable. see option ? a ? for automatic line selection. internally fused for 12 a. inrush: cold start ac current is less than 80 a at 115 vac and 20 a at 230 vac. limited by thermistor. holdup time: 16 ms minimum after removal of power, at nominal line, full load. efficiency: 80% typical. brownout protection: holds regulation to 85 vac or 170 vac. output adjustability: user adjustable 5% minimum. line & load reg: 1% over ac input range and 0 to 100% load change. output #1 requires minimum load of 10%. ripple & noise: less than 1% p-p or 100 mv, whichever is greater. remote sense (output #1): compensates for 250 mv total line drop. open sense lead protection. temperature coefficient: 0.02% per degree c. stability: 0.1% over 8 hours after 30 minutes warm-up. transient response (output #1): output voltage returns to within 1% in less than 500 s for a 50% load change. peak transient does not exceed 5%. overload protection: all outputs are protected against overload and short circuit. automatic recovery upon removal of fault. overvoltage protection (output #1): protects load against power supply induced overvoltage. trip point is factory set so that output voltage cannot exceed 136% of nominal. remote inhibit: contact closure to the negative sense line drops output power to nominal zero. reverse voltage: protected against reverse voltage up to supply current rating. environmental thermal protection: shuts down power supply if overheated. automatic recovery. temperature range: 0 to 50 c at full ratings. derate to half power at 70 c. safety agencies: most models are approved to ul1950; csa 22.2 #234; iec 950 and t v en60950, class 1 selv., ce 72/23/ eec/93/68eec (low voltage directive). conducted rfi: meets fcc part 15, subpart j, class a; en55022 class b; cispr 22 class b. cooling: 30 cfm required to achieve full ratings. output isolation: isolated from ground 50 vdc. options: option ?a?, ac auto-range: automatically selects proper ac line voltage range to enable power operation at either 115 or 230 vac without user intervention. option ?f?, fan/cover assembly: cover with intergal ball- bearing fan provides proper cooling to achieve full ratings at 50 c ambient temperature. option ?p?, ac power fail: provides ttl ? 0 ? 5 ms before output voltage goes out of regulation band upon loss of ac power. vmebus compatible, provides 48 ma sink current capability. not available if option ? g ? is selected. option ?v?, fan/cover assembly: low profile, end venting cover with integral ball-bearing fan. features:  over 3.5 watts/in 3 power density  80% overall efficiency  vmebus and multibus ii system compatibility  meets international safety agency requirements  all outputs regulated 1%  high peak currents for motor starting  system air or self-cooling options  ac automatic line selection option option v n o i t c n u f c a v 5 1 1 c a v 0 3 2 r o t c e n n o c t c e l e s t u p n it r o h sn e p os n o t s a f e l a m 0 5 2 . 0 ) l ( - 1 - b te n i l1 e n i l2 3 - 6 # p i r t s r e i r r a b ) n ( - 1 b tl a r t u e n2 e n i l. s r e t n e c 8 / 3 s w e r c s ) d n g ( - 1 b td n u o r g y t e f a sd n u o r g y t e f a s n o i t c n u f n o i t a c o l s e t o n r o t c e n n o c 1 # t u p t u ov + d e k r a m l a n i m r e tt u p t u o n i a ms r a b s u b m o c d e k r a m l a n i m r e t) n o m m o c ( n t rs w e r c s 0 2 - 4 / 1 # 2 # t u p t u o3 - 2 b t 4 - 2 b t) n o m m o c ( n t r 3 # t u p t u o5 - 2 b t " 8 . 3 s w e r c s 2 3 - 6 # p i r t s r e i r r a b 4 - 2 b t) n o m m o c ( n t rs r e t n e c 4 # t u p t u o1 - 2 b t) + ( 2 - 2 b t) - ( n o i t c n u f n o i t a c o l s e t o n r o t c e n n o c e s n e s e t o m e r) s + ( 1 - 1 je s n e s 1 # t u p t u oe p y t a t m p m a ) s - ( 2 - 1 jn t r e s n e s 1 # t u p t u on i p 4 - 6 5 4 0 4 6 # l i a f r e w o p c a) f p ( 3 - 1 j2 - 1 j o t e c n e r e f e r) g n i k c o l ( r e d a e h * d o o g r e w o p c d t i b i h n i) h 1 ( 4 - 1 j2 - 1 j o t t r o h s ac input dc output status and control * optional function non-stock item; special order only not for new designs
83 condor d.c. power supplies, inc., 2311 statham parkway, oxnard, ca 93033 800-235-5929  805-486-4565  fax 805-487-8911  www.condorpower.com max-500 mechanical specifications max-500 multiple watt output dimensions: inches millimeters l e d o m l a i c r e m m o c t u o r e w o p . o n t u p t u o t u p t u o t n e r r u c ) a ( n o i t a l u g e r l a t o t f a 5 0 2 1 - 4 0 5 - x a m0 0 51v 5 +a 0 81 p a 5 0 2 1 - 4 0 5 - x a m2v 2 1 +k p a 6 1 / 0 11 3v 2 1 -a 0 11 4v 2 . 5a 21 v a 2 1 2 1 - 4 0 5 - x a m0 0 51v 5 +a 0 81 2v 2 1 +k p a 6 1 / 0 11 3v 2 1 -a 0 11 4v 2 1a 21 4 2 2 1 - 4 0 5 - x a m0 0 51v 5 +a 0 81 2v 2 1 +k p a 6 1 / 0 11 3v 2 1 -a 0 11 4v 4 2 +a 21 note: (a) output #1 requires minimum load of 10%


▲Up To Search▲   

 
Price & Availability of MAX-504-1205AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X